t h r o u g h h o l e p o w e r i n d u c t o r s THMR1395 t ype mechanical dimension: high current ( lsat up to 66a ) though hole type. magnetically shielded, suitable for hight density mounting. high energy storage and low dcr. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor application. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. features electrical characteristics: delt a electronics, inc. (taoyuan plant cpbg) at 25 : 100khz, 1.0v o c 252, san ying road, kueisan industrial zone, taoyuan shien, 333, taiwan, r .o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww .com 153 unit : mm/inch a = 12.50 / 0.492 max. b = 14.50 / 0.571 max. c = 3.20 0.5 / 0.126 0.020 d = 9.50 / 0.374 e = 1.30 0.1/0.051 0.004 b a 7.5/0.295 9.0/0.354 1.6/0.063 d c e 1.tolerance of inductance : 0.28 ~1.20uh 15% 2.isat is the dc current which cause the inductance drop less than 20% of its nominal inductance without current o 3.irms is the dc current which cause the surface temperature of the part increase less than 45 c oo 4.operating temperature: -40 c to 125 c ( including self-temperature rise ) 1 3 2 part no. l dcr isat irms (uh) (m ) 8% (adc) (adc) THMR1395-r28 0.28 0.47 66 47 th -r35 0.35 0.47 58 47 th -r45 0.45 0.96 47 35 th -0r6 0.60 0.96 40 35 th -0r8 0.80 1.25 37 30 th -1r2 1.20 1.55 30 27 mr1395 mr1395mr1395 mr1395 mr1395 recommended pad pa tterns
|